Part Number Hot Search : 
SLD302XT SMS12 HMC26102 AT89LS51 DN253007 DL2SLA 24C16A ZC20A
Product Description
Full Text Search
 

To Download CW532-010L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  27.11.2012 cw532 - 010 l 1 of 2 cw532 -0 10 l technical data green diode pumped solid state laser module spezifications wavelength 532 nm output power <10 mw beam mode tem00 operation mode cw , apc fan angle 60 line width <5 mm @ 5 meter operation voltage 2.3 - 3.2 vdc operation current <300 ma warm up time <3 sec. optimum operating temperature 20 - 30 c housing brass dimension ?12 x 33.51 mm (181 mm including driver) expected lifetime >3000 hours the above specifications are for reference purpose only and subjected to change without prior notice. package dimens i ons unit:mm
27.11.2012 cw532 - 010 l 2 of 2 safety of laser light ? laser light can damage the human eyes and skin. do not expose the eye or skin directly to any laser light and/or through optical lens. when han dling the lds, wear appropriate safety glasses to prevent laser light, even any reflections from entering to the eye. focused laser beam through optical instruments will increase the chance of eye hazard. cautions 1. static electricity ? static electricity or electrical surges will reduce and degrade the reliability of the lds. it is recommended to use a wrist trap or anti - electrostatic glove when handling the product. 2. absolute maximum rating ? active layer of lds shall have high current density and generate high electric field during its operation. in order to prevent excessive damage, the ld must be operated strictly below absolute maximum rating.


▲Up To Search▲   

 
Price & Availability of CW532-010L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X